|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
V621ME24 9939 Via Pasar * San Diego, CA 92126 TEL (858) 621-2700 FAX (858) 621-2722 VOLTAGE CONTROLLED OSCILLATOR Rev B2 PHASE NOISE (1 Hz BW, typical) -60 -70 (f) (dBc/Hz) -80 -90 -100 -110 -120 -130 -140 -150 1 E+3 10 E+3 100 E+3 FEATURES * Frequency Range: 1855 - 1910 MHz * Tuning Voltage: 0.5 - 4.5 Vdc * MINI-16 - Style Package APPLICATIONS * Earthstations * Satellite Modems * Handheld Phones PERFORMANCE SPECIFICATIONS Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW, typ.) Harmonic Suppression (2nd, typ.) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance (max.) Pushing Pulling ( 14 dB Return Loss, Any Phase) OFFSET (Hz) VALUE 1855 - 1910 -105 -30 0.5 - 4.5 49 32 50 50 <0.6 <7 -40 to 85 MINI-16 5 18 APPLICATION NOTES Vdc mA pF MHz/V MHz C UNITS MHz dBc/Hz dBc Vdc MHz/V dBm Operating Temperature Range Package Style POWER SUPPLY REQUIREMENTS Supply Voltage (Vcc, nom.) Supply Current (Icc, typ.) All specifications are typical unless otherwise noted and subject to change without notice. * AN-100/1 : Mounting and Grounding of VCOs * AN-102 : Proper Output Loading of VCOs * AN-107 : How to Solder Z-COMM VCOs NOTES: (c) Z-Communications, Inc. Page 1 All rights reserved LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR TUNING CURVE, typ. 2050 2025 2000 1975 1950 1925 1900 1875 1850 1825 1800 1775 1750 0 1 2 3 4 V621ME24 PAGE 2 FREQUENCY (MHz) 85 25 -40 c c c TUNING VOLTAGE (Vdc) POWER CURVE, typ. POWER OUTPUT (dBm) 7 6 5 4 3 2 1 0 1785 25 c 1808 1829 1852 1874 1899 1925 1950 1973 1994 FREQUENCY (MHz) PHYSICAL DIMENSIONS PIN CONFIGURATION P1 Vt P2 RF Out P3 Vcc REST: GROUND Z-COMM XXXXXXXX-LF W/O# D/C PACKAGE MINI-16 MINI-16LOW MINI-16L H 0.220 0.160 0.130 NOTE: ALL DIMENSIONS ARE IN INCHES (c) Z-Communications, Inc. Page 2 Printed in the U.S.A. |
Price & Availability of V621ME24 |